PART |
Description |
Maker |
AN-940 |
Low Noise Amplifier Selection Guide for Optimal Noise Performance
|
Analog Devices
|
AN1560.1 |
Making Accurate Voltage Noise and Current Noise Measurements
|
Intersil Corporation
|
TD-8030 TD-8031 TD-8059 TD-81 TD-8151 TD-8152 TD-8 |
MICROWAVE NOISE TUBES & NOISE SOURCES MICROWAVE NOISE TUBES & NOISE SOURCES 微波噪声
|
CLARE[Clare, Inc.] CLARE[Clare Inc.] Clare Inc.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
GS8170LW36C-250 GS8170LW72C-200 GS8170LW72C-300 GS |
Low-Noise Operational Amplifier 8-SOIC -40 to 85 18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM Low-Noise Operational Amplifier 8-PDIP -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM Low-Noise Operational Amplifier 8-SO -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM
|
Electronic Theatre Controls, Inc.
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
2SC4095 2SC4095-T1 2SC4095R 2SC4095R-T2 2SC4095R-T |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
|
NEC[NEC]
|
ATF-58143-BLK ATF-58143-TR2G ATF-58143 ATF-58143-B |
C BAND, Si, N-CHANNEL, RF SMALL SIGNAL, HEMFET ATF-58143 · Single Voltage E-pHEMT Low Noise 30.5 dBm OIP3 in SC-70 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
|
AGILENT TECHNOLOGIES INC Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
RFN25C-N3A RFN25C-Y1B RFN25C1-Y1B RFN25C2-N3B RFN2 |
NOISE SOURCE, 4000-8000MHz, -144dBm/Hz, 30dB, PANEL MOUNT NOISE SOURCE, -149dBm/Hz, 25dB, PANEL MOUNT NOISE SOURCE, 5850-8200MHz, -149dBm/Hz, 25dB, PANEL MOUNT
|
MICRONETICS INC
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|